Part Number Hot Search : 
M4S12ZBJ 15N100 C1500 KA393AS AT91SAM SMC33CA MAX985 A05103
Product Description
Full Text Search
 

To Download ZL60005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZL60005 VCSEL Laser Diode
Data Sheet
August 2004
Ordering Information ZL60005/TBD ZL60005/TDD ZL60005/TGD TO-46 Package ST Housing SMA Housing
0C to +70C
Note: Rated Optical Power apply only on the TO-46 package, for housing options optical power is typically 10% less. Warning: Laser Radiation, avoid exposure to beam. Class 3B laser product, potential eye hazard. Warning labels in each box.
Features
* * * * * High power Low beam divergence Low drive current Hermetically sealed Easy alignment
Description
This High-Power VCSEL (Vertical Cavity SurfaceEmitting Laser) is designed for industrial and sensors applications. It operates in multiple transverse and single longitudinal mode, ensuring stable output power and low noise.
Applications
* * * * * Fiber optic datalinks Position sensor Range finder Free air datalinks Optical storage
CASE
ANODE
CATHODE
Bottom View
Figure 1 - Pin Description
1 Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2003-2004, Zarlink Semiconductor Inc. All Rights Reserved.
ZL60005
Optical and Electrical Characteristics - Case Temperature 25C Parameter Optical Power Slope Efficiency (dPo/dlF) Beam Divergence Bandwidth 3 dBel) Peak Wavelength Spectral Width Forward voltage Threshold Current
Note 1: Measured with 10 ms pulse.
Data Sheet
Symbol Po h fc lp Dl VF Ith
Min. 6
Typ. 7 300 11
Max.
Unit mW mW/A deg GHz
Test Condition IF=40 mA. Note 1 IF=40 mA Full Width at I/e2 IF=40 mA IF=40 mA IF=40 mA IF=40 mA
1 830 845 0.5 2.0 14 860 1.5 2.3 19
nm nm V mA
Absolute Maximum Ratings - Not necessarily applied together. Exceeding these values may cause permanent damage.
Functional operation under these conditions is not implied.
Parameter Storage Temperature Operating Temperature Electrical Power Dissipation Continuous Forward Current (f<10 kHz) Peak Forward Current (duty Cycle<50%, f>1 MHz Reverse Voltage Soldering Temperature (2 mm from the case for 10 sec.)
Symbol Tstg Top Ptot IF IFRM VR Tsld
Limit -55 to +125C 0 to +70C 100 mW 50 mA 80 mA 1.5 V 260C
Thermal characteristics Parameter Thermal Resistance - Infinite Heat Sink Thermal Resistance - No Heat Sink Temp Coefficient - Wavelength Optical Power - Variation 0 to 700C Threshold Current - Variation 0 to 700C Symbol Rthjc Rthja d/dTj P /th Min. Typ. 200 500 0.06 3 5 Max. Unit C/W C/W nm/C dB mA
2 Zarlink Semiconductor Inc.
ZL60005
% 120 Relative Optical Power 100 80 60 40 20 0 20 40 60 Po vs T Relative Threshold Current % 120 100 80 60 40 20 80 100oC 0 20 40 60 80 100oC Operating Temperature Operating Temperature Ith vs T % 120 Relative Optical Power 100 80 60 40 20 0 20 30 40 Po vs If
Data Sheet
50 mA
Forward Current
Max. Electrical Power Dissipation
40 30 20 10 0
Forward Current
Infinite Heat Sink
Relative Fiber-Coupled Power
mA 100
If vs Vf
mW 50
Pel vs T
% 100 80 60 40 20 0 5.4
Pf vs z Alignment
50
No Heat Sink
r = opt. = 50 m See Note 1.
c
0 0 1 2 3V Forward Voltage
0
20
40
60
80 100oC
5.8
6.2
6.6
7.0 7.4 mm
Operating Temperature
z - Axial Displacement of Fiber
% Relative Fiber-Coupled Power 100 80 60 40 20 0
Pf vs r Alignment z = opt. c = 50 m See Note 1.
Note 1
r z
0
10
20
30
40
50 m
r - Radial Displacement of Fiber
3 Zarlink Semiconductor Inc.
BOTTOM VIEW ( 10 : 1 )
3,8 2,54 0,6
n1,17 + 0,05 (3x) n0,45 + 0,03 (3x) -
SIDE VIEW
13,460,76
0
0,04
45
R2,7
R0,2 max (4x)
3, 6
1, 0 2 0, 3
Lens n1.50.05 R0,4 max
NOTES:1. All dimensions in mm. 2. General tol. ISO-2768-mK. 3. Coating: Case: Ni 1,5-2,5 m. Header: Ni 2-3 m / Au min 1,32 m.
n4,7
0,3 max glass overmould (2x)
(c) Zarlink Semiconductor 2002. All rights reserved.
Package code Previous package codes
Drawing type
ISSUE ACN DATE
1
JS004 076R1 A
TB
Package drawing, TO-46 with lens Title
22-MAR-03
APPRD. TD/BE
JS004076
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of ZL60005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X